|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DC Common Mode Choke Coil Type: CPFC54 Product Description 9.5x5.65mm Max.(LxW), 4.90mm Max. Height . Feature Ideally used in CAN BUS ,AV,OA equipment. RoHS Compliance. Dimensions (mm) 9.50 Max. Pin 1 5.65 Max. 1 2 4 3 2 0.50x0.30 1 Adhesive 3 2.54 4 4.90 Max. 5.50 Ref. Dimensions without tolerance are approx. Dimension does not include solder used on coil. Pin pitch shall be measured at the root of terminal. Land Pattern (mm) 2.9 Schematics (Bottom) 1 2.54 4 1.2 7.3 2 3 Please refer to the sales offices on our website for a representative near you www.sumida.com 1/2 DC Common Mode Choke Coil Type: CPFC54 Specification Part Name CPFC54-050C CPFC54-110C CPFC54-250C CPFC54-250S CPFC54-510C CPFC54-510S CPFC54-101C CPFC54-471C CPFC54-102C CPFC54-222C CPFC54-472C Stamp 050C 110C 250C 250S 510C 510S 101C 471C 102C 222C 472C Inductance (H) LS(nH)Typ. 1-4(2+3 short) (1-4) or (2-3) 2 1 530% 1130% 2530% 2530% 5130% 5130% 10030% 47030% 1000-30% +50% +50% +50% IR(mA)1-2 (3+4short) 3 900 700 700 700 600 600 500 500 500 400 200 D.C.R(m) Typ. (at 20) 100 120 130 130 160 160 230 200 200 400 650 Hipot DC 2s 0.5mA 250 250 250 250 250 250 250 750 750 750 750 50 50 150 1500 200 2000 200 200 250 250 300 2200 -30% 4700 -30% 12 Measuring condition 100kHz, 0.1V 3 . IR:DC current when temperature of coil increased up to 40.(Ta=20) Please refer to the sales offices on our website for a representative near you www.sumida.com 2/2 |
Price & Availability of CPFC54-250C |